Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 490 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 490 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 486Page - Renesas Technology Corp HD64F36049 Datasheet HTML 487Page - Renesas Technology Corp HD64F36049 Datasheet HTML 488Page - Renesas Technology Corp HD64F36049 Datasheet HTML 489Page - Renesas Technology Corp HD64F36049 Datasheet HTML 490Page - Renesas Technology Corp HD64F36049 Datasheet HTML 491Page - Renesas Technology Corp HD64F36049 Datasheet HTML 492Page - Renesas Technology Corp HD64F36049 Datasheet HTML 493Page - Renesas Technology Corp HD64F36049 Datasheet HTML 494Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 490 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 458 of 526
REJ09B0060-0300
23.3.6
Power-Supply-Voltage Detection Circuit Characteristics (Optional)
Table 23.17 Power-Supply-Voltage Detection Circuit Characteristics
V
SS = 0.0 V, Ta = –20 to +75°C, unless otherwise indicated.
Values
Item
Symbol
Test
Condition
Min.
Typ.
Max.
Unit
Power-supply falling detection
voltage
Vint (D)
LVDSEL = 0
3.3
3.7
V
Power-supply rising detection
voltage
Vint (U)
LVDSEL = 0
4.0
4.5
V
Reset detection voltage 1*
1
Vreset1
LVDSEL = 0
2.3
2.7
V
Reset detection voltage 2*
2
Vreset2
LVDSEL = 1
3.0
3.6
4.2
V
Lower-limit voltage of LVDR
operation*
3
V
LVDRmin
1.0
V
LVD stabilization time
t
LVDON
50
µs
Supply current in standby mode
I
STBY
LVDE = 1,
Vcc = 5.0 V,
When a 32-
kHz crystal
resonator is
not used
350
µA
Notes: 1. This voltage should be used when the falling and rising voltage detection function is
used.
2. Select the low-voltage reset 2 when only the low-voltage detection reset is used.
3. When the power-supply voltage (Vcc) falls below V
LVDRmin = 1.0 V and then rises, a reset
may not occur. Therefore sufficient evaluation is required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com