Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 493 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 493 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 489Page - Renesas Technology Corp HD64F36049 Datasheet HTML 490Page - Renesas Technology Corp HD64F36049 Datasheet HTML 491Page - Renesas Technology Corp HD64F36049 Datasheet HTML 492Page - Renesas Technology Corp HD64F36049 Datasheet HTML 493Page - Renesas Technology Corp HD64F36049 Datasheet HTML 494Page - Renesas Technology Corp HD64F36049 Datasheet HTML 495Page - Renesas Technology Corp HD64F36049 Datasheet HTML 496Page - Renesas Technology Corp HD64F36049 Datasheet HTML 497Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 562 page
background image
Section 23 Electrical Characteristics
Rev. 3.00 Mar. 15, 2006 Page 461 of 526
REJ09B0060-0300
tScyc
tTXD
tRXS
tRXH
VOH
V
or V
IH
OH
V
or V
IL
OL
*
*
*
VOL *
SCK3
TXD
(transmit data)
RXD
(receive data)
Note:
* Output timing reference levels
Output high:
Output low:
Load conditions are shown in figure 23.7.
V
= 2.0 V
V
= 0.8 V
OH
OL
Figure 23.6 SCI Input/Output Timing in Clocked Synchronous Mode
23.5
Output Load Condition
VCC
2.4 k
Ω
12 k
Ω
30 pF
LSI output pin
Figure 23.7 Output Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com