| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 121 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 121 Page - Renesas Technology Corp |
|
121 / 562 page ![]() Section 7 ROM Rev. 3.00 Mar. 15, 2006 Page 89 of 526 REJ09B0060-0300 Section 7 ROM The features of the 96-kbyte flash memory built into the flash memory (F-ZTAT) version are summarized below. • Programming/erase methods The flash memory is programmed 128 bytes at a time. Erase is performed in single-block units. The flash memory is configured as follows: 1 kbyte × 4 blocks, 28 kbytes × 1 block, 16 kbytes × 2 blocks, and 32 kbytes × 1 block for H8/36049F. To erase the entire flash memory, each block must be erased in turn. • Reprogramming capability The flash memory can be reprogrammed up to 1,000 times. • On-board programming On-board programming/erasing can be done in boot mode, in which the boot program built into the chip is started to erase or program of the entire flash memory. In normal user program mode, individual blocks can be erased or programmed. • Programmer mode Flash memory can be programmed/erased in programmer mode using a PROM programmer, as well as in on-board programming mode. • Automatic bit rate adjustment For data transfer in boot mode, this LSI's bit rate can be automatically adjusted to match the transfer bit rate of the host. • Programming/erasing protection Sets software protection against flash memory programming/erasing. • Power-down mode Operation of the power supply circuit can be partly halted in subactive mode. As a result, flash memory can be read with low power consumption. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |