Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 119 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 119 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 115Page - Renesas Technology Corp HD64F36049 Datasheet HTML 116Page - Renesas Technology Corp HD64F36049 Datasheet HTML 117Page - Renesas Technology Corp HD64F36049 Datasheet HTML 118Page - Renesas Technology Corp HD64F36049 Datasheet HTML 119Page - Renesas Technology Corp HD64F36049 Datasheet HTML 120Page - Renesas Technology Corp HD64F36049 Datasheet HTML 121Page - Renesas Technology Corp HD64F36049 Datasheet HTML 122Page - Renesas Technology Corp HD64F36049 Datasheet HTML 123Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 562 page
background image
Section 6 Power-Down Modes
Rev. 3.00 Mar. 15, 2006 Page 87 of 526
REJ09B0060-0300
6.4.2
Direct Transition from Subactive Mode to Active Mode
The time from the start of SLEEP instruction execution to the end of interrupt exception handling
(the direct transition time) is calculated by equation (2).
Direct transition time = {(number of SLEEP instruction execution states) + (number of internal
processing states)}
× (tsubcyc before transition) + {(waiting time set in bits STS2 to STS0) +
(number of interrupt exception handling states)}
× (tcyc after transition)
(2)
Example:
Direct transition time = (2 + 1)
× 8 tw + (8192 + 16) × tosc = 24 tw + 8208 tosc
(when the CPU operating clock of
φ
w/8 → φosc and a waiting time of 8192 states are
selected)
[Legend]
tosc:
OSC clock cycle time
tw:
Watch clock cycle time
tcyc:
System clock (
φ) cycle time
tsubcyc:
Subclock (
φ
SUB) cycle time
6.5
Module Standby Function
The module-standby function can be set to any peripheral module. In the module standby state, the
clock supply to modules stops to enter the power-down mode. Setting a bit in MSTCR1,
MSTCR2, or SMCR that corresponds to each module to 1 enables each on-chip peripheral module
to enter the module standby state and the module standby state is canceled by clearing the bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com