| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 115 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 115 Page - Renesas Technology Corp |
|
115 / 562 page ![]() Section 6 Power-Down Modes Rev. 3.00 Mar. 15, 2006 Page 83 of 526 REJ09B0060-0300 Table 6.3 Internal State in Each Operating Mode Function Active Mode Sleep Mode Subactive Mode Subsleep Mode Standby Mode System clock oscillator Functioning Functioning Halted Halted Halted Subclock oscillator Functioning Functioning Functioning Functioning Functioning Instructions Functioning Halted Functioning Halted Halted CPU operations Registers Functioning Retained Functioning Retained Retained RAM Functioning Retained Functioning Retained Retained IO ports Functioning Retained Functioning Retained Register contents are retained, but output is the high- impedance state. IRQ3 to IRQ0 Functioning Functioning Functioning Functioning Functioning External interrupts WKP5 to WKP0 Functioning Functioning Functioning Functioning Functioning RTC Functioning Functioning Functioning if the timekeeping time-base function is selected, and retained if not selected Peripheral functions Timer V Functioning Functioning Reset Reset Reset Watchdog timer Functioning Functioning Retained (functioning if the internal oscillator is selected as a count clock*) SCI3, SCI3_2, SCI3_3 Functioning Functioning Reset Reset Reset IIC2 Functioning Functioning Retained* Retained Retained Timer B1 Functioning Functioning Retained* Retained Retained Timer Z Functioning Functioning Retained* Retained Retained Timer W Functioning Functioning Retained (the counter is incremented by a subclock if the internal clock φ is selected as a count clock*) Retained A/D converter Functioning Functioning Reset Reset Reset Note: * Registers can be read or written in subactive mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |