Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 111 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 111 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 107Page - Renesas Technology Corp HD64F36049 Datasheet HTML 108Page - Renesas Technology Corp HD64F36049 Datasheet HTML 109Page - Renesas Technology Corp HD64F36049 Datasheet HTML 110Page - Renesas Technology Corp HD64F36049 Datasheet HTML 111Page - Renesas Technology Corp HD64F36049 Datasheet HTML 112Page - Renesas Technology Corp HD64F36049 Datasheet HTML 113Page - Renesas Technology Corp HD64F36049 Datasheet HTML 114Page - Renesas Technology Corp HD64F36049 Datasheet HTML 115Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 562 page
background image
Section 6 Power-Down Modes
Rev. 3.00 Mar. 15, 2006 Page 79 of 526
REJ09B0060-0300
6.1.3
Module Standby Control Register 1 (MSTCR1)
MSTCR1 allows the on-chip peripheral modules to enter a standby state in module units.
Bit
Bit Name
Initial
Value
R/W
Description
7
0
Reserved
This bit is always read as 0.
6
MSTIIC
0
R/W
IIC2 Module Standby
IIC2 enters standby mode when this bit is set to 1
5
MSTS3
0
R/W
SCI3 Module Standby
SCI3 enters standby mode when this bit is set to 1
4
MSTAD
0
R/W
A/D Converter Module Standby
A/D converter enters standby mode when this bit is set
to 1
3
MSTWD
0
R/W
Watchdog Timer Module Standby
Watchdog timer enters standby mode when this bit is
set to 1.When the internal oscillator is selected for the
watchdog timer clock, the watchdog timer operates
regardless of the setting of this bit
2
MSTTW
0
R/W
Timer W Module Standby
Timer W enters standby mode when this bit is set to 1
1
MSTTV
0
R/W
Timer V Module Standby
Timer V enters standby mode when this bit is set to 1
0
MSTTA
0
R/W
RTC Module Standby
RTC enters standby mode when this bit is set to 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com