| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 113 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 113 Page - Renesas Technology Corp |
|
113 / 562 page ![]() Section 6 Power-Down Modes Rev. 3.00 Mar. 15, 2006 Page 81 of 526 REJ09B0060-0300 6.2 Mode Transitions and States of LSI Figure 6.1 shows the possible transitions among these operating modes. A transition is made from the program execution state to the program halt state by executing a SLEEP instruction. Interrupts allow for returning from the program halt state to the program execution state. A direct transition between active mode and subactive mode, which are both program execution states, can be made without halting the program. The operating frequency can also be changed in the same modes by making a transition directly from active mode to active mode, and from subactive mode to subactive mode. RES input enables transitions from a mode to the reset state. Table 6.2 shows the transition conditions of each mode after the SLEEP instruction is executed and a mode to return by an interrupt. Table 6.3 shows the internal states of the LSI in each mode. Reset state Standby mode Active mode Sleep mode Subsleep mode Subactive mode Program halt state Program execution state Program halt state SLEEP instruction SLEEP instruction Interrupt Direct transition interrupt Direct transition interrupt Notes: 1. To make a transition to another mode by an interrupt, make sure interrupt handling is after the interrupt is accepted. 2. Details on the mode transition conditions are given in table 6.2. SLEEP instruction Direct transition interrupt Direct transition interrupt Interrupt SLEEP instruction Interrupt Interrupt SLEEP instruction Interrupt SLEEP instruction Figure 6.1 Mode Transition Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |