Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 116 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 116 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 112Page - Renesas Technology Corp HD64F36049 Datasheet HTML 113Page - Renesas Technology Corp HD64F36049 Datasheet HTML 114Page - Renesas Technology Corp HD64F36049 Datasheet HTML 115Page - Renesas Technology Corp HD64F36049 Datasheet HTML 116Page - Renesas Technology Corp HD64F36049 Datasheet HTML 117Page - Renesas Technology Corp HD64F36049 Datasheet HTML 118Page - Renesas Technology Corp HD64F36049 Datasheet HTML 119Page - Renesas Technology Corp HD64F36049 Datasheet HTML 120Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 562 page
background image
Section 6 Power-Down Modes
Rev. 3.00 Mar. 15, 2006 Page 84 of 526
REJ09B0060-0300
6.2.1
Sleep Mode
In sleep mode, CPU operation is halted but the on-chip peripheral modules function at the clock
frequency set by the MA2, MA1, and MA0 bits in SYSCR2. CPU register contents are retained.
When an interrupt is requested, sleep mode is cleared and interrupt exception handling starts.
Sleep mode is not cleared if the I bit of the condition code register (CCR) is set to 1 or the
requested interrupt is disabled in the interrupt enable register. After sleep mode is cleared, a
transition is made to active mode when the LSON bit in SYSCR2 is 0, and a transition is made to
subactive mode when the bit is 1. When the
RES pin goes low, the CPU goes into the reset state
and sleep mode is cleared.
6.2.2
Standby Mode
In standby mode, the clock pulse generator stops, so the CPU and on-chip peripheral modules stop
functioning. However, as long as the rated voltage is supplied, the contents of CPU registers, on-
chip RAM, and some on-chip peripheral module registers are retained. On-chip RAM contents
will be retained as long as the voltage set by the RAM data retention voltage is provided. The I/O
ports go to the high-impedance state.
Standby mode is cleared by an interrupt. When an interrupt is requested, the system clock pulse
generator starts. After the time set in bits STS2 to STS0 in SYSCR1 has elapsed, and interrupt
exception handling starts. Standby mode is not cleared if the I bit of CCR is set to 1 or the
requested interrupt is disabled in the interrupt enable register.
When the
RES pin goes low, the system clock pulse generator starts. Since system clock signals
are supplied to the entire chip as soon as the system clock pulse generator starts functioning, the
RES pin must be kept low until the pulse generator output stabilizes. After the pulse generator
output has stabilized, the CPU starts reset exception handling if the
RES pin is driven high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com