Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 122Page - Renesas Technology Corp HD64F36049 Datasheet HTML 123Page - Renesas Technology Corp HD64F36049 Datasheet HTML 124Page - Renesas Technology Corp HD64F36049 Datasheet HTML 125Page - Renesas Technology Corp HD64F36049 Datasheet HTML 126Page - Renesas Technology Corp HD64F36049 Datasheet HTML 127Page - Renesas Technology Corp HD64F36049 Datasheet HTML 128Page - Renesas Technology Corp HD64F36049 Datasheet HTML 129Page - Renesas Technology Corp HD64F36049 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 562 page
background image
Section 7 ROM
Rev. 3.00 Mar. 15, 2006 Page 94 of 526
REJ09B0060-0300
7.2.4
Flash Memory Power Control Register (FLPWCR)
FLPWCR enables or disables a transition to the flash memory power-down mode when the LSI
switches to subactive mode. There are two modes: mode in which operation of the power supply
circuit of flash memory is partly halted in power-down mode and flash memory can be read, and
mode in which even if a transition is made to subactive mode, operation of the power supply
circuit of flash memory is retained and flash memory can be read.
Bit
Bit Name
Initial
Value
R/W
Description
7
PDWND
0
R/W
Power-Down Disable
When this bit is 0 and a transition is made to subactive
mode, the flash memory enters the power-down mode.
When this bit is 1, the flash memory remains in the
normal mode even after a transition is made to
subactive mode.
6 to 0
—
All 0
—
Reserved
These bits are always read as 0.
7.2.5
Flash Memory Enable Register (FENR)
Bit 7 (FLSHE) in FENR enables or disables the CPU access to the flash memory control registers,
FLMCR1, FLMCR2, EBR1, and FLPWCR.
Bit
Bit Name
Initial
Value
R/W
Description
7
FLSHE
0
R/W
Flash Memory Control Register Enable
Flash memory control registers can be accessed when
this bit is set to 1. Flash memory control registers
cannot be accessed when this bit is set to 0.
6
—
0
R/W
Reserved
This bit can be read from or written to, but should not be
set to 1.
5 to 0
—
All 0
—
Reserved
These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com