Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 125Page - Renesas Technology Corp HD64F36049 Datasheet HTML 126Page - Renesas Technology Corp HD64F36049 Datasheet HTML 127Page - Renesas Technology Corp HD64F36049 Datasheet HTML 128Page - Renesas Technology Corp HD64F36049 Datasheet HTML 129Page - Renesas Technology Corp HD64F36049 Datasheet HTML 130Page - Renesas Technology Corp HD64F36049 Datasheet HTML 131Page - Renesas Technology Corp HD64F36049 Datasheet HTML 132Page - Renesas Technology Corp HD64F36049 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 562 page
background image
Section 7 ROM
Rev. 3.00 Mar. 15, 2006 Page 97 of 526
REJ09B0060-0300
Table 7.2
Boot Mode Operation
Communication Contents
Processing Contents
Host Operation
LSI Operation
Processing Contents
Continuously transmits data H'00
at specified bit rate.
Branches to boot program at reset-start.
Boot program initiation
H'00, H'00 . . . H'00
H'00
H'55
Transmits data H'55 when data H'00
is received error-free.
H'55 reception
H'XX
Transmits number of bytes (N) of
programming control program to be
transferred as 2-byte data
(low-order byte following high-order
byte)
Transmits 1-byte of programming
control program (repeated for N times)
H'AA reception
H'AA reception
Upper bytes, lower bytes
Echoback
Echoback
H'AA
H'AA
Branches to programming control program
transferred to on-chip RAM and starts
execution.
Transmits data H'AA to host.
Checks flash memory data, erases all flash
memory blocks in case of written data
existing, and transmits data H'AA to host.
(If erase could not be done, transmits data
H'FF to host and aborts operation.)
H'FF
Boot program
erase error
• Measures low-level period of receive data
H'00.
• Calculates bit rate and sets BRR in SCI3.
• Transmits data H'00 to host as adjustment
end indication.
Echobacks the 2-byte data
received to host.
Echobacks received data to host and also
transfers it to RAM.
(repeated for N times)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com