Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 123Page - Renesas Technology Corp HD64F36049 Datasheet HTML 124Page - Renesas Technology Corp HD64F36049 Datasheet HTML 125Page - Renesas Technology Corp HD64F36049 Datasheet HTML 126Page - Renesas Technology Corp HD64F36049 Datasheet HTML 127Page - Renesas Technology Corp HD64F36049 Datasheet HTML 128Page - Renesas Technology Corp HD64F36049 Datasheet HTML 129Page - Renesas Technology Corp HD64F36049 Datasheet HTML 130Page - Renesas Technology Corp HD64F36049 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 562 page
background image
Section 7 ROM
Rev. 3.00 Mar. 15, 2006 Page 95 of 526
REJ09B0060-0300
7.3
On-Board Programming Modes
There are two modes for programming/erasing of the flash memory; boot mode, which enables on-
board programming/erasing, and programmer mode, in which programming/erasing is performed
with a PROM programmer. On-board programming/erasing can also be performed in user
program mode. At reset-start in reset mode, this LSI changes to a mode depending on the TEST
pin settings,
NMI pin settings, and input level of each port, as shown in table 7.1. The input level
of each pin must be defined four states before the reset ends.
When changing to boot mode, the boot program built into this LSI is initiated. The boot program
transfers the programming control program from the externally-connected host to on-chip RAM
via SCI3. After erasing the entire flash memory, the programming control program is executed.
This can be used for programming initial values in the on-board state or for a forcible return when
programming/erasing can no longer be done in user program mode. In user program mode,
individual blocks can be erased and programmed by branching to the user program/erase control
program prepared by the user.
Table 7.1
Setting Programming Modes
TEST
NMI
P85
PB0
PB1
PB2
LSI State after Reset End
0
1
X
X
X
X
User Mode
0
0
1
X
X
X
Boot Mode
1
X
X
0
0
0
Programmer Mode
[Legend]
X : Don't care.
7.3.1
Boot Mode
Table 7.2 shows the boot mode operations between reset end and branching to the programming
control program.
1. When boot mode is used, the flash memory programming control program must be prepared in
the host beforehand. Prepare a programming control program in accordance with the
description in section 7.4, Flash Memory Programming/Erasing.
2. SCI3 should be set to asynchronous mode, and the transfer format as follows: 8-bit data, 1 stop
bit, and no parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com