Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 204 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 204 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 200Page - Renesas Technology Corp HD64F36049 Datasheet HTML 201Page - Renesas Technology Corp HD64F36049 Datasheet HTML 202Page - Renesas Technology Corp HD64F36049 Datasheet HTML 203Page - Renesas Technology Corp HD64F36049 Datasheet HTML 204Page - Renesas Technology Corp HD64F36049 Datasheet HTML 205Page - Renesas Technology Corp HD64F36049 Datasheet HTML 206Page - Renesas Technology Corp HD64F36049 Datasheet HTML 207Page - Renesas Technology Corp HD64F36049 Datasheet HTML 208Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 562 page
background image
Section 12 Timer V
Rev. 3.00 Mar. 15, 2006 Page 172 of 526
REJ09B0060-0300
12.3.5
Timer Control Register V1 (TCRV1)
TCRV1 selects the edge at the TRGV pin, enables TRGV input, and selects the clock input to
TCNTV.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 1
Reserved
These bits are always read as 1.
4
3
TVEG1
TVEG0
0
0
R/W
R/W
TRGV Input Edge Select
These bits select the TRGV input edge.
00: TRGV trigger input is prohibited
01: Rising edge is selected
10: Falling edge is selected
11: Rising and falling edges are both selected
2
TRGE
0
R/W
TCNT starts counting up by the input of the edge which
is selected by TVEG1 and TVEG0.
0: Disables starting counting-up TCNTV by the input of
the TRGV pin and halting counting-up TCNTV when
TCNTV is cleared by a compare match.
1: Enables starting counting-up TCNTV by the input of
the TRGV pin and halting counting-up TCNTV when
TCNTV is cleared by a compare match.
1
1
Reserved
This bit is always read as 1.
0
ICKS0
0
R/W
Internal Clock Select 0
This bit selects clock signals to input to TCNTV in
combination with CKS2 to CKS0 in TCRV0.
Refer to table 12.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com