Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 249Page - Renesas Technology Corp HD64F36049 Datasheet HTML 250Page - Renesas Technology Corp HD64F36049 Datasheet HTML 251Page - Renesas Technology Corp HD64F36049 Datasheet HTML 252Page - Renesas Technology Corp HD64F36049 Datasheet HTML 253Page - Renesas Technology Corp HD64F36049 Datasheet HTML 254Page - Renesas Technology Corp HD64F36049 Datasheet HTML 255Page - Renesas Technology Corp HD64F36049 Datasheet HTML 256Page - Renesas Technology Corp HD64F36049 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 221 of 526
REJ09B0060-0300
14.3.2
Timer Mode Register (TMDR)
TMDR selects buffer operation settings and synchronized operation.
Bit
Bit Name
Initial
Value
R/W
Description
7
BFD1
0
R/W
Buffer Operation D1
0: GRD_1 operates normally
1: GRB_1 and GRD_1 are used together for buffer
operation
6
BFC1
0
R/W
Buffer Operation C1
0: GRC_1 operates normally
1: GRA_1 and GRD_1 are used together for buffer
operation
5
BFD0
0
R/W
Buffer Operation D0
0: GRD_0 operates normally
1: GRB_0 and GRD_0 are used together for buffer
operation
4
BFC0
0
R/W
Buffer Operation C0
0: GRC_0 operates normally
1: GRA_0 and GRC_0 are used together for buffer
operation
3 to 1
All 1
Reserved
These bits are always read as 1, and cannot be
modified.
0
SYNC
0
R/W
Timer Synchronization
0: TCNT_1 and TCNT_0 operate as a different timer
1: TCNT_1 and TCNT_0 are synchronized
TCNT_1 and TCNT_0 can be pre-set or cleared
synchronously



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com