Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 252Page - Renesas Technology Corp HD64F36049 Datasheet HTML 253Page - Renesas Technology Corp HD64F36049 Datasheet HTML 254Page - Renesas Technology Corp HD64F36049 Datasheet HTML 255Page - Renesas Technology Corp HD64F36049 Datasheet HTML 256Page - Renesas Technology Corp HD64F36049 Datasheet HTML 257Page - Renesas Technology Corp HD64F36049 Datasheet HTML 258Page - Renesas Technology Corp HD64F36049 Datasheet HTML 259Page - Renesas Technology Corp HD64F36049 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 224 of 526
REJ09B0060-0300
Bit
Bit Name
Initial
Value
R/W
Description
1
0
CMD1
CMD0
0
0
R/W
R/W
Combination Mode 1 and 0
00: Channel 0 and channel 1 operate normally
01: Channel 0 and channel 1 are used together to
operate in reset synchronous PWM mode
10: Channel 0 and channel 1 are used together to
operate in complementary PWM mode (transferred
at the trough)
11: Channel 0 and channel 1 are used together to
operate in complementary PWM mode (transferred
at the crest)
Note: When reset synchronous PWM mode or
complementary PWM mode is selected by these
bits, this setting has the priority to the settings for
PWM mode by each bit in TPMR. Stop TCNT_0
and TCNT_1 before making settings for reset
synchronous PWM mode or complementary
PWM mode.
TCNT_0
Normal phase
Counter phase
Normal phase
Counter phase
Active level
Active level
Active level
Active level
Complementary PWM mode
Note: Write H'00 to TOCR to start initial outputs after stopping the counter.
Reset synchronous PWM mode
Initial
output
Initial
output
TCNT_1
Figure 14.4 Example of Outputs in Reset Synchronous PWM Mode
and Complementary PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com