| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 257 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 257 Page - Renesas Technology Corp |
|
257 / 562 page ![]() Section 14 Timer Z Rev. 3.00 Mar. 15, 2006 Page 225 of 526 REJ09B0060-0300 14.3.5 Timer Output Master Enable Register (TOER) TOER enables/disables the outputs for channel 0 and channel 1. When WKP4 is selected for inputs, if a low level signal is input to WKP4, the bits in TOER are set to 1 to disable the output for timer Z. Bit Bit Name Initial Value R/W Description 7 ED1 1 R/W Master Enable D1 0: FTIOD1 pin output is enabled according to the TPMR, TFCR, and TIORC_1 settings 1: FTIOD1 pin output is disabled regardless of the TPMR, TFCR, and TIORC_1 settings (FTIOD1 pin is operated as an I/O port). 6 EC1 1 R/W Master Enable C1 0: FTIOC1 pin output is enabled according to the TPMR, TFCR, and TIORC_1 settings 1: FTIOC1 pin output is disabled regardless of the TPMR, TFCR, and TIORC_1 settings (FTIOC1 pin is operated as an I/O port). 5 EB1 1 R/W Master Enable B1 0: FTIOB1 pin output is enabled according to the TPMR, TFCR, and TIORA_1 settings 1: FTIOB1 pin output is disabled regardless of the TPMR, TFCR, and TIORA_1 settings (FTIOB1 pin is operated as an I/O port). 4 EA1 1 R/W Master Enable A1 0: FTIOA1 pin output is enabled according to the TPMR, TFCR, and TIORA_1 settings 1: FTIOA1 pin output is disabled regardless of the TPMR, TFCR, and TIORA_1 settings (FTIOA1 pin is operated as an I/O port). 3 ED0 1 R/W Master Enable D0 0: FTIOD0 pin output is enabled according to the TPMR, TFCR, and TIORC_0 settings 1: FTIOD0 pin output is disabled regardless of the TPMR, TFCR, and TIORC_0 settings (FTIOD0 pin is operated as an I/O port). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |