| Electronic Components Datasheet Search |
|
HD64F36049 Datasheet(PDF) 261 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36049 Datasheet(HTML) 261 Page - Renesas Technology Corp |
|
261 / 562 page ![]() Section 14 Timer Z Rev. 3.00 Mar. 15, 2006 Page 229 of 526 REJ09B0060-0300 14.3.9 Timer Control Register (TCR) The TCR registers select a TCNT counter clock, an edge when an external clock is selected, and counter clearing sources. Timer Z has a total of two TCR registers, one for each channel. Bit Bit Name Initial Value R/W Description 7 6 5 CCLR2 CCLR1 CCLR0 0 0 0 R/W R/W R/W Counter Clear 2 to 0 000: Disables TCNT clearing 001: Clears TCNT by GRA compare match/input capture* 1 010: Clears TCNT by GRB compare match/input capture* 1 011: Synchronization clear; Clears TCNT in synchronous with counter clearing of the other channel's timer* 2 100: Disables TCNT clearing 101: Clears TCNT by GRC compare match/input capture* 1 110: Clears TCNT by GRD compare match/input capture* 1 111: Synchronization clear; Clears TCNT in synchronous with counter clearing of the other channel's timer* 2 4 3 CKEG1 CKEG0 0 0 R/W R/W Clock Edge 1 and 0 00: Count at rising edge 01: Count at falling edge 1X: Count at both edges 2 1 0 TPSC2 TPSC1 TPSC0 0 0 0 R/W R/W R/W Time Prescaler 2 to 0 000: Internal clock: count by φ 001: Internal clock: count by φ/2 010: Internal clock: count by φ/4 011: Internal clock: count by φ/8 1XX: External clock: count by FTIOA0 (TCLK) pin input Notes: 1. When GR functions as an output compare register, TCNT is cleared by compare match. When GR functions as input capture, TCNT is cleared by input capture. 2. Synchronous operation is set by TMDR. 3. X: Don't care |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |