Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 260Page - Renesas Technology Corp HD64F36049 Datasheet HTML 261Page - Renesas Technology Corp HD64F36049 Datasheet HTML 262Page - Renesas Technology Corp HD64F36049 Datasheet HTML 263Page - Renesas Technology Corp HD64F36049 Datasheet HTML 264Page - Renesas Technology Corp HD64F36049 Datasheet HTML 265Page - Renesas Technology Corp HD64F36049 Datasheet HTML 266Page - Renesas Technology Corp HD64F36049 Datasheet HTML 267Page - Renesas Technology Corp HD64F36049 Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 232 of 526
REJ09B0060-0300
14.3.11
Timer Status Register (TSR)
TSR indicates generation of an overflow/underflow of TCNT and a compare match/input capture
of GRA, GRB, GRC, and GRD. These flags are interrupt sources. If an interrupt is enabled by a
corresponding bit in TIER, TSR requests an interrupt for the CPU. Timer Z has two TSR registers,
one for each channel.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 1
Reserved
These bits are always read as 1.
5
UDF*
0
R/W
Underflow Flag
[Setting condition]
• When TCNT_1 underflows
[Clearing condition]
• When 0 is written to UDF after reading UDF = 1
4
OVF
0
R/W
Overflow Flag
[Setting condition]
• When the TCNT value underflows
[Clearing condition]
• When 0 is written to OVF after reading OVF = 1
3
IMFD
0
R/W
Input Capture/Compare Match Flag D
[Setting conditions]
• When TCNT = GRD and GRD is functioning as
output compare register
• When TCNT value is transferred to GRD by input
capture signal and GRD is functioning as input
capture register
[Clearing condition]
• When 0 is written to IMFD after reading IMFD = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com