Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 263 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 263 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 259Page - Renesas Technology Corp HD64F36049 Datasheet HTML 260Page - Renesas Technology Corp HD64F36049 Datasheet HTML 261Page - Renesas Technology Corp HD64F36049 Datasheet HTML 262Page - Renesas Technology Corp HD64F36049 Datasheet HTML 263Page - Renesas Technology Corp HD64F36049 Datasheet HTML 264Page - Renesas Technology Corp HD64F36049 Datasheet HTML 265Page - Renesas Technology Corp HD64F36049 Datasheet HTML 266Page - Renesas Technology Corp HD64F36049 Datasheet HTML 267Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 231 of 526
REJ09B0060-0300
TIORC: TIORC selects whether GRC or GRD is used as an output compare register or an input
capture register. When an output compare register is selected, the output setting is selected. When
an input capture register is selected, an input edge of an input capture signal is selected. TIORC
also selects the function of FTIOC or FTIOD pin.
Bit
Bit Name
Initial
Value
R/W
Description
7
1
Reserved
This bit is always read as 1.
6
5
4
IOD2
IOD1
IOD0
0
0
0
R/W
R/W
R/W
I/O Control D2 to D0
GRD is an output compare register:
000: Disables pin output by compare match
001: 0 output by GRD compare match
010: 1 output by GRD compare match
011: Toggle output by GRD compare match
GRD is an input capture register:
100: Input capture to GRD at the rising edge
101: Input capture to GRD at the falling edge
11X: Input capture to GRD at both rising and falling
edges
3
1
Reserved
This bit is always read as 1.
2
1
0
IOC2
IOC1
IOC0
0
0
0
R/W
R/W
R/W
I/O Control C2 to C0
GRC is an output compare register:
000: Disables pin output by compare match
001: 0 output by GRC compare match
010: 1 output by GRC compare match
011: Toggle Output by GRC compare match
GRC is an input capture register:
100: Input capture to GRC at the rising edge
101: Input capture to GRC at the falling edge
11X: Input capture to GRC at both rising and falling
edges
[Legend] X:
Don't care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com