Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 286 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 286 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 282Page - Renesas Technology Corp HD64F36049 Datasheet HTML 283Page - Renesas Technology Corp HD64F36049 Datasheet HTML 284Page - Renesas Technology Corp HD64F36049 Datasheet HTML 285Page - Renesas Technology Corp HD64F36049 Datasheet HTML 286Page - Renesas Technology Corp HD64F36049 Datasheet HTML 287Page - Renesas Technology Corp HD64F36049 Datasheet HTML 288Page - Renesas Technology Corp HD64F36049 Datasheet HTML 289Page - Renesas Technology Corp HD64F36049 Datasheet HTML 290Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 286 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 254 of 526
REJ09B0060-0300
14.4.6
Reset Synchronous PWM Mode
Three normal- and counter-phase PWM waveforms are output by combining channels 0 and 1 that
one of changing points of waveforms will be common.
In reset synchronous PWM mode, the FTIOB0 to FTIOD0 and FTIOA1 to FTIOD1 pins become
PWM-output pins automatically. TCNT_0 performs an increment operation. Tables 14.4 and 14.5
show the PWM-output pins used and the register settings, respectively.
Figure 14.26 shows the example of reset synchronous PWM mode setting procedure.
Table 14.4
Output Pins in Reset Synchronous PWM Mode
Channel
Pin Name
Input/Output
Pin Function
0
FTIOC0
Output
Toggle output in synchronous with PWM cycle
0
FTIOB0
Output
PWM output 1
0
FTIOD0
Output
PWM output 1 (counter-phase waveform of PWM
output 1)
1
FTIOA1
Output
PWM output 2
1
FTIOC1
Output
PWM output 2 (counter-phase waveform of PWM
output 2)
1
FTIOB1
Output
PWM output 3
1
FTIOD1
Output
PWM output 3 (counter-phase waveform of PWM
output 3)
Table 14.5
Register Settings in Reset Synchronous PWM Mode
Register
Description
TCNT_0
Initial setting of H'0000
TCNT_1
Not used (independently operates)
GRA_0
Sets counter cycle of TCNT_0
GRB_0
Set a changing point of the PWM waveform output from pins FTIOB0 and FTIOD0.
GRA_1
Set a changing point of the PWM waveform output from pins FTIOA1 and FTIOC1.
GRB_1
Set a changing point of the PWM waveform output from pins FTIOB1 and FTIOD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com