Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 290 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 290 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 286Page - Renesas Technology Corp HD64F36049 Datasheet HTML 287Page - Renesas Technology Corp HD64F36049 Datasheet HTML 288Page - Renesas Technology Corp HD64F36049 Datasheet HTML 289Page - Renesas Technology Corp HD64F36049 Datasheet HTML 290Page - Renesas Technology Corp HD64F36049 Datasheet HTML 291Page - Renesas Technology Corp HD64F36049 Datasheet HTML 292Page - Renesas Technology Corp HD64F36049 Datasheet HTML 293Page - Renesas Technology Corp HD64F36049 Datasheet HTML 294Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 258 of 526
REJ09B0060-0300
14.4.7
Complementary PWM Mode
Three PWM waveforms for non-overlapped normal and counter phases are output by combining
channels 0 and 1.
In complementary PWM mode, the FTIOB0 to FTIOD0 and FTIOA1 to FTIOD1 pins become
PWM-output pins automatically. TCNT_0 and TCNT_1 perform an increment or decrement
operation. Tables 14.6 and 14.7 show the output pins and register settings in complementary PWM
mode, respectively.
Figure 14.29 shows the example of complementary PWM mode setting procedure.
Table 14.6
Output Pins in Complementary PWM Mode
Channel
Pin Name
Input/Output
Pin Function
0
FTIOC0
Output
Toggle output in synchronous with PWM cycle
0
FTIOB0
Output
PWM output 1
0
FTIOD0
Output
PWM output 1 (counter-phase waveform non-
overlapped with PWM output 1)
1
FTIOA1
Output
PWM output 2
1
FTIOC1
Output
PWM output 2 (counter-phase waveform non-
overlapped with PWM output 2)
1
FTIOB1
Output
PWM output 3
1
FTIOD1
Output
PWM output 3 (counter-phase waveform non-
overlapped with PWM output 3)
Table 14.7
Register Settings in Complementary PWM Mode
Register
Description
TCNT_0
Initial setting of non-overlapped periods (non-overlapped periods are differences with
TCNT_1)
TCNT_1
Initial setting of H'0000
GRA_0
Sets (upper limit value – 1) of TCNT_0
GRB_0
Set a changing point of the PWM waveform output from pins FTIOB0 and FTIOD0.
GRA_1
Set a changing point of the PWM waveform output from pins FTIOA1 and FTIOC1.
GRB_1
Set a changing point of the PWM waveform output from pins FTIOB1 and FTIOD1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com