Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 287Page - Renesas Technology Corp HD64F36049 Datasheet HTML 288Page - Renesas Technology Corp HD64F36049 Datasheet HTML 289Page - Renesas Technology Corp HD64F36049 Datasheet HTML 290Page - Renesas Technology Corp HD64F36049 Datasheet HTML 291Page - Renesas Technology Corp HD64F36049 Datasheet HTML 292Page - Renesas Technology Corp HD64F36049 Datasheet HTML 293Page - Renesas Technology Corp HD64F36049 Datasheet HTML 294Page - Renesas Technology Corp HD64F36049 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 259 of 526
REJ09B0060-0300
[1]
Clear bits STR0 and STR1 in TSTR to 0, and
stop the counter operation of TCNT_0. Stop
TCNT_0 and TCNT_1 and set complementary
PWM mode.
[2]
Write H'00 to TOCR.
[3]
Use bits TPSC2 to TPSC0 in TCR to select the
same counter clock for channels 0 and 1. When
an external clock is selected, select the edge of
the external clock by bits CKEG1 and CKEG0 in
TCR. Do not use bits CCLR1 and CCLR0 in
TCR to clear the counter.
[4]
Use bits CMD1 and CMD0 in TFCR to set
complementary PWM mode. FTIOB0 to FTIOD0
and FTIOA1 to FTIOD1 automatically become
PWM output pins.
[5]
Set H'00 to TOCR.
[6]
TCNT_1 must be H'0000. Set a non-overlapped
period to TCNT_0.
[7]
GRA_0 is a cycle register. Set the cycle to
GRA_0. Set the timing to change the PWM
output waveform to GRB_0, GRA_1, and
GRB_1. Note that the timing must be set within
the range of compare match carried out for
TCNT_0 and TCNT_1.
For GR settings, see 3. Setting GR Value in
Complementary PWM Mode in section 14.4.7,
Complementary PWM Mode.
[8]
Use TOER to enable or disable the timer output.
[9]
Set the STR0 and STR1 bits in TSTR to 1 to
start the count operation.
[1]
Complementary PWM mode
Stop counter operation
Note:
To re-enter complementary PWM mode, first, enter a mode other than the complementary
PWM mode. After that, repeat the setting procedures from step [1].
For settings of waveform outputs with a duty cycle of 0% and 100%, see the settings shown
in 2. Examples of Complementary PWM Mode Operation and 3. Setting GR Value in
Complementary PWM Mode in section 14.4.7, Complementary PWM Mode.
[2]
Initialize output pin
[3]
Select counter clock
[4]
Set complementary
PWM mode
[5]
Initialize output pin
<Complementary PWM mode>
[6]
Set TCNT
[7]
Set GR
[8]
Enable waveform output
[9]
Start counter operation
Figure 14.29 Example of Complementary PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com