Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 294 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 294 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 290Page - Renesas Technology Corp HD64F36049 Datasheet HTML 291Page - Renesas Technology Corp HD64F36049 Datasheet HTML 292Page - Renesas Technology Corp HD64F36049 Datasheet HTML 293Page - Renesas Technology Corp HD64F36049 Datasheet HTML 294Page - Renesas Technology Corp HD64F36049 Datasheet HTML 295Page - Renesas Technology Corp HD64F36049 Datasheet HTML 296Page - Renesas Technology Corp HD64F36049 Datasheet HTML 297Page - Renesas Technology Corp HD64F36049 Datasheet HTML 298Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 294 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 262 of 526
REJ09B0060-0300
Figure 14.32 (1) and (2) show examples of PWM waveform output with 0% duty and 100% duty
in complementary PWM mode (for one phase).
• TPSC2 = TPSC1 = TPSC0 = 0
Set GRB_0 to H'0000 or a value equal to or more than GRA_0. The waveform with a duty
cycle of 0% and 100% can be output. When buffer operation is used together, the duty cycles
can easily be changed, including the above settings, during operation. For details on buffer
operation, see section 14.4.8, Buffer Operation.
• Other than TPSC2 = TPSC1 = TPSC0 = 0
Set GRB_0 to satisfy the following expression: GRA_0 + 1 < GRB_0 < H'FFFF. The
waveform with a duty cycle of 0% and 100% can be output. For details on 0%- and 100%-duty
cycle waveform output, see 3. C., Outputting a waveform with a duty cycle of 0% and 100% in
section 14.4.7, Complementary PWM Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com