Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 283Page - Renesas Technology Corp HD64F36049 Datasheet HTML 284Page - Renesas Technology Corp HD64F36049 Datasheet HTML 285Page - Renesas Technology Corp HD64F36049 Datasheet HTML 286Page - Renesas Technology Corp HD64F36049 Datasheet HTML 287Page - Renesas Technology Corp HD64F36049 Datasheet HTML 288Page - Renesas Technology Corp HD64F36049 Datasheet HTML 289Page - Renesas Technology Corp HD64F36049 Datasheet HTML 290Page - Renesas Technology Corp HD64F36049 Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 562 page
background image
Section 14 Timer Z
Rev. 3.00 Mar. 15, 2006 Page 255 of 526
REJ09B0060-0300
[1]
Clear bit STR0 in TSTR to 0 and stop the
counter operation of TCNT_0. Set reset
synchronous PWM mode after TCNT_0 stops.
[2]
Select the counter clock with bits TPSC2 to
TOSC0 in TCR. When an external clock is
selected, select the external clock edge with bits
CKEG1 and CKEG0 in TCR.
[3]
Use bits CCLR1 and CCLR0 in TCR to select
counter clearing source GRA_0.
[4]
Select the reset synchronous PWM mode with
bits CMD1 and CMD0 in TFCR. FTIOB0 to
FTIOD0 and FTIOA1 to FTIOD1 become PWM
output pins automatically.
[5]
Set H'00 to TOCR.
[6]
Set TCNT_0 as H'0000. TCNT1 does not need
to be set.
[7]
GRA_0 is a cycle register. Set a cycle for
GRA_0. Set the changing point timing of the
PWM output waveform for GRB_0, GRA_1, and
GRB_1.
[8]
Enable or disable the timer output by TOER.
[9]
Set the STR bit in TSTR to 1 and start the
counter operation.
[1]
Reset synchronous PWM mode
[2]
Stop counter operation
[3]
Select counter clock
[4]
Select counter clearing source
[5]
Set reset synchronous
PWM mode
[6]
Initialize the output pin
[7]
Set TCNT
[8]
Set GR
[9]
Start counter operation
Enable waveform output
<Reset synchronous PWM mode>
Figure 14.26 Example of Reset Synchronous PWM Mode Setting Procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com