Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 329 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 329 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 325Page - Renesas Technology Corp HD64F36049 Datasheet HTML 326Page - Renesas Technology Corp HD64F36049 Datasheet HTML 327Page - Renesas Technology Corp HD64F36049 Datasheet HTML 328Page - Renesas Technology Corp HD64F36049 Datasheet HTML 329Page - Renesas Technology Corp HD64F36049 Datasheet HTML 330Page - Renesas Technology Corp HD64F36049 Datasheet HTML 331Page - Renesas Technology Corp HD64F36049 Datasheet HTML 332Page - Renesas Technology Corp HD64F36049 Datasheet HTML 333Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 329 / 562 page
background image
Section 16 14-Bit PWM
Rev. 3.00 Mar. 15, 2006 Page 297 of 526
REJ09B0060-0300
16.3.2
PWM Data Registers U, L (PWDRU, PWDRL)
PWDRU and PWDRL indicate high level width in one PWM waveform cycle. PWDRU and
PWDRL are 14-bit write-only registers, with the upper 6 bits assigned to PWDRU and the lower 8
bits to PWDRL. When read, all bits are always read as 1.
Both PWDRU and PWDRL are accessible only in bytes. Note that the operation is not guaranteed
if word access is performed. When 14-bit data is written in PWDRU and PWDRL, the contents
are latched in the PWM waveform generator and the PWM waveform generation data is updated.
When writing the 14-bit data, the order is as follows: PWDRL to PWDRU.
PWDRU and PWDRL are initialized to H'C000.
16.4
Operation
When using the 14-bit PWM, set the registers in this sequence:
1. Set the PWM bit in the port mode register 1 (PMR1) to set the P11/PWM pin to function as a
PWM output pin.
2. Set the PWCR0 bit in PWCR to select a conversion period of either.
3. Set the output waveform data in PWDRU and PWDRL. Be sure to write byte data first to
PWDRL and then to PWDRU. When the data is written in PWDRU, the contents of these
registers are latched in the PWM waveform generator, and the PWM waveform generation
data is updated in synchronization with internal signals.
One conversion period consists of 64 pulses, as shown in figure 16.2. The total high-level width
during this period (T
H) corresponds to the data in PWDRU and PWDRL. This relation can be
expressed as follows:
T
H = (data value in PWDRU and PWDRL + 64) × tφ/2
where t
φ is the period of PWM clock input: 2/φ (bit PWCR0 = 0) or 4/φ (bit PWCR0 = 1).
If the data value in PWDRU and PWDRL is from H'FFC0 to H'FFFF, the PWM output stays high.
When the data value is H'C000, T
H is calculated as follows:
T
H = 64 × tφ/2 = 32 tφ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com