Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 333 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 333 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 329Page - Renesas Technology Corp HD64F36049 Datasheet HTML 330Page - Renesas Technology Corp HD64F36049 Datasheet HTML 331Page - Renesas Technology Corp HD64F36049 Datasheet HTML 332Page - Renesas Technology Corp HD64F36049 Datasheet HTML 333Page - Renesas Technology Corp HD64F36049 Datasheet HTML 334Page - Renesas Technology Corp HD64F36049 Datasheet HTML 335Page - Renesas Technology Corp HD64F36049 Datasheet HTML 336Page - Renesas Technology Corp HD64F36049 Datasheet HTML 337Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 301 of 526
REJ09B0060-0300
Note:
1. In addition to basic functions common to SCI3 and SCI3_2, SCI3_3 has the serial mode
control register (SMCR). SMCR controls taking noise from the RXD_3 input signal,
P92/TxD_3 pin function, and SCI3_3 module standby function.
2. The channel 1 of the SCI3 is used in on-board programming mode by boot mode.
• Serial mode control register (SMCR)
Bit
Bit Name
Initial Value
R/W
Description
7 to 3
All 1
Reserved
These bits are always read as 1.
2
NFEN_3
0
R/W
Noise Cancel Function Select
When COM in SMR is cleared to 0 and this
bit is set to 1, noise in the RXD_3 input signal
is taken.
1
TXD_3
0
R/W
TXD_3 Pin Select
Selects P92/TXD_3 pin function.
0: General input pin is selected
1: TXD_3 output pin is selected
0
MSTS3_3
0
R/W
SCI3_3 Module Standby
When this bit is set to 1, SCI3_3 enters in the
standby state.
• Noise canceller
The RXD_3 input signal is loaded internally via the noise canceller. The noise canceller
consists of three latch circuits and match detection circuit connected in series. The
RXD_3 input signal is sampled on the basic clock with a frequency 16 times the
transfer rate, and the level is passed forward to the next circuit when outputs of three
latches match. When the outputs are not match, previous value is retained. In other
word, when the same level is retained more than three clocks, the input signal is
acknowledged as a signal. When the level is changed within three clocks, the change is
acknowledged as not a signal change but noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com