Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 337 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 337 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 333Page - Renesas Technology Corp HD64F36049 Datasheet HTML 334Page - Renesas Technology Corp HD64F36049 Datasheet HTML 335Page - Renesas Technology Corp HD64F36049 Datasheet HTML 336Page - Renesas Technology Corp HD64F36049 Datasheet HTML 337Page - Renesas Technology Corp HD64F36049 Datasheet HTML 338Page - Renesas Technology Corp HD64F36049 Datasheet HTML 339Page - Renesas Technology Corp HD64F36049 Datasheet HTML 340Page - Renesas Technology Corp HD64F36049 Datasheet HTML 341Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 305 of 526
REJ09B0060-0300
Bit
Bit Name
Initial
Value
R/W
Description
3
STOP
0
R/W
Stop Bit Length (enabled only in asynchronous mode)
Selects the stop bit length in transmission.
0: 1 stop bit
1: 2 stop bits
For reception, only the first stop bit is checked,
regardless of the value in the bit. If the second stop bit
is 0, it is treated as the start bit of the next transmit
character.
2
MP
0
R/W
Multiprocessor Mode
When this bit is set to 1, the multiprocessor
communication function is enabled. The PE bit and PM
bit settings are invalid in multiprocessor mode. In
clocked synchronous mode, clear this bit to 0.
1
0
CKS1
CKS0
0
0
R/W
R/W
Clock Select 0 and 1
These bits select the clock source for the baud rate
generator.
00:
φ clock (n = 0)
01:
φ/4 clock (n = 1)
10:
φ/16 clock (n = 2)
11:
φ/64 clock (n = 3)
For the relationship between the bit rate register setting
and the baud rate, see section 17.3.8, Bit Rate Register
(BRR). n is the decimal representation of the value of n
in BRR (see section 17.3.8, Bit Rate Register (BRR)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com