Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 336 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 336 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 332Page - Renesas Technology Corp HD64F36049 Datasheet HTML 333Page - Renesas Technology Corp HD64F36049 Datasheet HTML 334Page - Renesas Technology Corp HD64F36049 Datasheet HTML 335Page - Renesas Technology Corp HD64F36049 Datasheet HTML 336Page - Renesas Technology Corp HD64F36049 Datasheet HTML 337Page - Renesas Technology Corp HD64F36049 Datasheet HTML 338Page - Renesas Technology Corp HD64F36049 Datasheet HTML 339Page - Renesas Technology Corp HD64F36049 Datasheet HTML 340Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 304 of 526
REJ09B0060-0300
17.3.3
Transmit Shift Register (TSR)
TSR is a shift register that transmits serial data. To perform serial data transmission, the SCI3 first
transfers transmit data from TDR to TSR automatically, then sends the data that starts from the
LSB to the TXD pin
. TSR cannot be directly accessed by the CPU.
17.3.4
Transmit Data Register (TDR)
TDR is an 8-bit register that stores data for transmission. When the SCI3 detects that TSR is
empty, it transfers the transmit data written in TDR to TSR and starts transmission. The double-
buffered structure of TDR and TSR enables continuous serial transmission. If the next transmit
data has already been written to TDR during transmission of one-frame data, the SCI3 transfers
the written data to TSR to continue transmission. To achieve reliable serial transmission, write
transmit data to TDR only once after confirming that the TDRE bit in SSR is set to 1. TDR is
initialized to H'FF.
17.3.5
Serial Mode Register (SMR)
SMR is used to set the SCI3's serial transfer format and select the baud rate generator clock
source.
Bit
Bit Name
Initial
Value
R/W
Description
7
COM
0
R/W
Communication Mode
0: Asynchronous mode
1: Clocked synchronous mode
6
CHR
0
R/W
Character Length (enabled only in asynchronous mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length.
5
PE
0
R/W
Parity Enable (enabled only in asynchronous mode)
When this bit is set to 1, the parity bit is added to
transmit data before transmission, and the parity bit is
checked in reception.
4
PM
0
R/W
Parity Mode (enabled only when the PE bit is 1 in
asynchronous mode)
0: Selects even parity.
1: Selects odd parity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com