Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 331Page - Renesas Technology Corp HD64F36049 Datasheet HTML 332Page - Renesas Technology Corp HD64F36049 Datasheet HTML 333Page - Renesas Technology Corp HD64F36049 Datasheet HTML 334Page - Renesas Technology Corp HD64F36049 Datasheet HTML 335Page - Renesas Technology Corp HD64F36049 Datasheet HTML 336Page - Renesas Technology Corp HD64F36049 Datasheet HTML 337Page - Renesas Technology Corp HD64F36049 Datasheet HTML 338Page - Renesas Technology Corp HD64F36049 Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 303 of 526
REJ09B0060-0300
17.2
Input/Output Pins
Table 17.2 shows the SCI3 pin configuration.
Table 17.2
Pin Configuration
Pin Name
Abbreviation
I/O
Function
SCI3 clock
SCK3
I/O
SCI3 clock input/output
SCI3 receive data input
RXD
Input
SCI3 receive data input
SCI3 transmit data output
TXD
Output
SCI3 transmit data output
17.3
Register Descriptions
The SCI3 has the following registers for each channel.
• Receive Shift Register (RSR)
• Receive Data Register (RDR)
• Transmit Shift Register (TSR)
• Transmit Data Register (TDR)
• Serial Mode Register (SMR)
• Serial Control Register 3 (SCR3)
• Serial Status Register (SSR)
• Bit Rate Register (BRR)
• Serial mode control register 3 (SMCR3)
17.3.1
Receive Shift Register (RSR)
RSR is a shift register that is used to receive serial data input from the RxD pin and convert it into
parallel data. When one frame of data has been received, it is transferred to RDR automatically.
RSR cannot be directly accessed by the CPU.
17.3.2
Receive Data Register (RDR)
RDR is an 8-bit register that stores received data. When the SCI3 has received one frame of serial
data, it transfers the received serial data from RSR to RDR, where it is stored. After this, RSR is
receive-enabled. As RSR and RDR function as a double buffer in this way, continuous receive
operations are possible. After confirming that the RDRF bit in SSR is set to 1, read RDR only
once. RDR cannot be written to by the CPU. RDR is initialized to H'00.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com