Electronic Components Datasheet Search
  English  ▼

X  

HD64F36049 Datasheet(PDF) 340 Page - Renesas Technology Corp

Part # HD64F36049
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family / H8/300H Tiny Series
PDF  562 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36049 Datasheet(HTML) 340 Page - Renesas Technology Corp

Back Button HD64F36049 Datasheet HTML 336Page - Renesas Technology Corp HD64F36049 Datasheet HTML 337Page - Renesas Technology Corp HD64F36049 Datasheet HTML 338Page - Renesas Technology Corp HD64F36049 Datasheet HTML 339Page - Renesas Technology Corp HD64F36049 Datasheet HTML 340Page - Renesas Technology Corp HD64F36049 Datasheet HTML 341Page - Renesas Technology Corp HD64F36049 Datasheet HTML 342Page - Renesas Technology Corp HD64F36049 Datasheet HTML 343Page - Renesas Technology Corp HD64F36049 Datasheet HTML 344Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 340 / 562 page
background image
Section 17 Serial Communication Interface 3 (SCI3)
Rev. 3.00 Mar. 15, 2006 Page 308 of 526
REJ09B0060-0300
Bit
Bit Name
Initial
Value
R/W
Description
6
RDRF
0
R/W
Receive Data Register Full
Indicates that the received data is stored in RDR.
[Setting condition]
• When serial reception ends normally and receive
data is transferred from RSR to RDR
[Clearing conditions]
• When 0 is written to RDRF after reading RDRF = 1
• When data is read from RDR
5
OER
0
R/W
Overrun Error
[Setting condition]
• When an overrun error occurs in reception
[Clearing condition]
• When 0 is written to OER after reading OER = 1
4
FER
0
R/W
Framing Error
[Setting condition]
• When a framing error occurs in reception
[Clearing condition]
• When 0 is written to FER after reading FER = 1
3
PER
0
R/W
Parity Error
[Setting condition]
• When a parity error is detected during reception
[Clearing condition]
• When 0 is written to PER after reading PER = 1
2
TEND
1
R
Transmit End
[Setting conditions]
• When the TE bit in SCR3 is 0
• When TDRE = 1 at transmission of the last bit of a
1-frame serial transmit character
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the transmit data is written to TDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com