| Electronic Components Datasheet Search |
|
HD64F36024 Datasheet(PDF) 35 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36024 Datasheet(HTML) 35 Page - Renesas Technology Corp |
|
35 / 384 page ![]() Section 2 CPU CPU30H2E_000120030300 Rev. 4.00 Sep. 23, 2005 Page 9 of 354 REJ09B0025-0400 Section 2 CPU This LSI has an H8/300H CPU with an internal 32-bit architecture that is upward-compatible with the H8/300CPU, and supports only normal mode, which has a 64-kbyte address space. • Upward-compatible with H8/300 CPUs Can execute H8/300 CPUs object programs Additional eight 16-bit extended registers 32-bit transfer and arithmetic and logic instructions are added Signed multiply and divide instructions are added. • General-register architecture Sixteen 16-bit general registers also usable as sixteen 8-bit registers or eight 32-bit registers • Sixty-two basic instructions 8/16/32-bit data transfer and arithmetic and logic instructions Multiply and divide instructions Powerful bit-manipulation instructions • Eight addressing modes Register direct [Rn] Register indirect [@ERn] Register indirect with displacement [@(d:16,ERn) or @(d:24,ERn)] Register indirect with post-increment or pre-decrement [@ERn+ or @–ERn] Absolute address [@aa:8, @aa:16, @aa:24] Immediate [#xx:8, #xx:16, or #xx:32] Program-counter relative [@(d:8,PC) or @(d:16,PC)] Memory indirect [@@aa:8] • 64-kbyte address space • High-speed operation All frequently-used instructions execute in one or two states 8/16/32-bit register-register add/subtract : 2 state 8 × 8-bit register-register multiply : 14 states 16 ÷ 8-bit register-register divide : 14 states 16 × 16-bit register-register multiply : 22 states 32 ÷ 16-bit register-register divide : 22 states • Power-down state Transition to power-down state by SLEEP instruction |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |