Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 81Page - Renesas Technology Corp HD64F36024 Datasheet HTML 82Page - Renesas Technology Corp HD64F36024 Datasheet HTML 83Page - Renesas Technology Corp HD64F36024 Datasheet HTML 84Page - Renesas Technology Corp HD64F36024 Datasheet HTML 85Page - Renesas Technology Corp HD64F36024 Datasheet HTML 86Page - Renesas Technology Corp HD64F36024 Datasheet HTML 87Page - Renesas Technology Corp HD64F36024 Datasheet HTML 88Page - Renesas Technology Corp HD64F36024 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 384 page
background image
Section 4 Address Break
ABK0001A_000020020200
Rev. 4.00 Sep. 23, 2005 Page 59 of 354
REJ09B0025-0400
Section 4 Address Break
The address break simplifies on-board program debugging. It requests an address break interrupt
when the set break condition is satisfied. The interrupt request is not affected by the I bit of CCR.
Break conditions that can be set include instruction execution at a specific address and a
combination of access and data at a specific address. With the address break function, the
execution start point of a program containing a bug is detected and execution is branched to the
correcting program. Figure 4.1 shows a block diagram of the address break.
BARH
BARL
BDRH
BDRL
ABRKCR
ABRKSR
Internal address bus
Comparator
Interrupt
generation
control circuit
Comparator
Interrupt
Legend:
BARH, BARL: Break address register
BDRH, BDRL: Break data register
ABRKCR:
Address break control register
ABRKSR:
Address break status register
Figure 4.1 Block Diagram of Address Break
4.1
Register Descriptions
Address break has the following registers.
• Address break control register (ABRKCR)
• Address break status register (ABRKSR)
• Break address register (BARH, BARL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com