Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 55Page - Renesas Technology Corp HD64F36024 Datasheet HTML 56Page - Renesas Technology Corp HD64F36024 Datasheet HTML 57Page - Renesas Technology Corp HD64F36024 Datasheet HTML 58Page - Renesas Technology Corp HD64F36024 Datasheet HTML 59Page - Renesas Technology Corp HD64F36024 Datasheet HTML 60Page - Renesas Technology Corp HD64F36024 Datasheet HTML 61Page - Renesas Technology Corp HD64F36024 Datasheet HTML 62Page - Renesas Technology Corp HD64F36024 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 33 of 354
REJ09B0025-0400
Specified
by @aa:8
Branch address
Dummy
Figure 2.8 Branch Address Specification in Memory Indirect Mode
2.5.2
Effective Address Calculation
Table 2.12 indicates how effective addresses are calculated in each addressing mode. In this LSI
the upper 8 bits of the effective address are ignored in order to generate a 16-bit effective address.
Table 2.12
Effective Address Calculation (1)
No
1
r
op
31
0
23
2
3
Register indirect with displacement
@(d:16,ERn) or @(d:24,ERn)
4
r
op
disp
r
op
rm
op
rn
31
0
0
r
op
23
0
31
0
disp
31
0
31
0
23
0
23
0
Addressing Mode and Instruction Format
Effective Address Calculation
Effective Address (EA)
Register direct(Rn)
General register contents
General register contents
General register contents
General register contents
Sign extension
Register indirect(@ERn)
Register indirect with post-increment or
pre-decrement
•Register indirect with post-increment @ERn+
•Register indirect with pre-decrement @-ERn
1, 2, or 4
1, 2, or 4
Operand is general register contents.
The value to be added or subtracted is 1 when the
operand is byte size, 2 for word size, and 4 for
longword size.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com