Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 61Page - Renesas Technology Corp HD64F36024 Datasheet HTML 62Page - Renesas Technology Corp HD64F36024 Datasheet HTML 63Page - Renesas Technology Corp HD64F36024 Datasheet HTML 64Page - Renesas Technology Corp HD64F36024 Datasheet HTML 65Page - Renesas Technology Corp HD64F36024 Datasheet HTML 66Page - Renesas Technology Corp HD64F36024 Datasheet HTML 67Page - Renesas Technology Corp HD64F36024 Datasheet HTML 68Page - Renesas Technology Corp HD64F36024 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 39 of 354
REJ09B0025-0400
(1)
Bit manipulation for two registers assigned to the same address
Example: Bit manipulation for the timer load register and timer counter
(Applicable for timer B and timer C, not for the group of this LSI.)
Figure 2.13 shows an example of a timer in which two timer registers are assigned to the same
address. When a bit manipulation instruction accesses the timer load register and timer counter of
a reloadable timer, since these two registers share the same address, the following operations takes
place.
1. Data is read in byte units.
2. The CPU sets or resets the bit to be manipulated with the bit manipulation instruction.
3. The written data is written again in byte units to the timer load register.
The timer is counting, so the value read is not necessarily the same as the value in the timer load
register. As a result, bits other than the intended bit in the timer counter may be modified and the
modified value may be written to the timer load register.
Read
Write
Count clock
Timer counter
Timer load register
Reload
Internal bus
Figure 2.13 Example of Timer Configuration with Two Registers Allocated to
Same Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com