Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 54Page - Renesas Technology Corp HD64F36024 Datasheet HTML 55Page - Renesas Technology Corp HD64F36024 Datasheet HTML 56Page - Renesas Technology Corp HD64F36024 Datasheet HTML 57Page - Renesas Technology Corp HD64F36024 Datasheet HTML 58Page - Renesas Technology Corp HD64F36024 Datasheet HTML 59Page - Renesas Technology Corp HD64F36024 Datasheet HTML 60Page - Renesas Technology Corp HD64F36024 Datasheet HTML 61Page - Renesas Technology Corp HD64F36024 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 32 of 354
REJ09B0025-0400
The access ranges of absolute addresses for the group of this LSI are those shown in table 2.11,
because the upper 8 bits are ignored.
Table 2.11
Absolute Address Access Ranges
Absolute Address
Access Range
8 bits (@aa:8)
H'FF00 to H'FFFF
16 bits (@aa:16)
H'0000 to H'FFFF
24 bits (@aa:24)
H'0000 to H'FFFF
(6)
Immediate—#xx:8, #xx:16, or #xx:32
The instruction contains 8-bit (#xx:8), 16-bit (#xx:16), or 32-bit (#xx:32) immediate data as an
operand.
The ADDS, SUBS, INC, and DEC instructions contain immediate data implicitly. Some bit
manipulation instructions contain 3-bit immediate data in the instruction code, specifying a bit
number. The TRAPA instruction contains 2-bit immediate data in its instruction code, specifying a
vector address.
(7)
Program-Counter Relative—@(d:8, PC) or @(d:16, PC)
This mode is used in the BSR instruction. An 8-bit or 16-bit displacement contained in the
instruction is sign-extended and added to the 24-bit PC contents to generate a branch address. The
PC value to which the displacement is added is the address of the first byte of the next instruction,
so the possible branching range is –126 to +128 bytes (–63 to +64 words) or –32766 to +32768
bytes (–16383 to +16384 words) from the branch instruction. The resulting value should be an
even number.
(8)
Memory Indirect—@@aa:8
This mode can be used by the JMP and JSR instructions. The instruction code contains an 8-bit
absolute address specifying a memory operand. This memory operand contains a branch address.
The memory operand is accessed by longword access. The first byte of the memory operand is
ignored, generating a 24-bit branch address. Figure 2.8 shows how to specify branch address for in
memory indirect mode. The upper bits of the absolute address are all assumed to be 0, so the
address range is 0 to 255 (H'0000 to H'00FF).
Note that the first part of the address range is also the exception vector area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com