Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 68Page - Renesas Technology Corp HD64F36024 Datasheet HTML 69Page - Renesas Technology Corp HD64F36024 Datasheet HTML 70Page - Renesas Technology Corp HD64F36024 Datasheet HTML 71Page - Renesas Technology Corp HD64F36024 Datasheet HTML 72Page - Renesas Technology Corp HD64F36024 Datasheet HTML 73Page - Renesas Technology Corp HD64F36024 Datasheet HTML 74Page - Renesas Technology Corp HD64F36024 Datasheet HTML 75Page - Renesas Technology Corp HD64F36024 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 46 of 354
REJ09B0025-0400
Relative Module
Exception Sources
Vector Number Vector Address
Priority
CPU
Direct transition by executing
the SLEEP instruction
13
H'001A to H'001B
High
External interrupt
pin
IRQ0
Low-voltage detection
interrupt*
1
14
H'001C to H'001D
IRQ3
17
H'0022 to H'0023
WKP
18
H'0024 to H'0025
Reserved for system use
20
H’0028 to H’0029
Timer W
Timer W input capture A
/compare match A
Timer W input capture B
/compare match B
Timer W input capture C
/compare match C
Timer W input capture D
/compare match D
Timer W overflow
21
H’002A to H’002B
Timer V
Timer V compare match A
Timer V compare match B
Timer V overflow
22
H'002C to H'002D
SCI3
SCI3 receive data full
SCI3 transmit data empty
SCI3 transmit end
SCI3 receive error
23
H'002E to H'002F
A/D converter
A/D conversion end
25
H'0032 to H'0033
SCI3_2
SCI3_2 receive data full
SCI3_2 transmit data empty
SCI3_2 transmit end
SCI3_2 receive error
32
H'0040 to H'0041
SCI3_3*
2
SCI3_3 receive data full
SCI3_3 transmit data empty
SCI3_3 transmit end
SCI3_3 receive error
34
H'0044 to H'0045
Low
Notes: 1. A low-voltage detection interrupt is enabled only in the product with an on-chip power-
on reset and low-voltage detection circuit.
2. The SCI3_3 function is incorporated in the H8/36024.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com