Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 29Page - Renesas Technology Corp HD64F36024 Datasheet HTML 30Page - Renesas Technology Corp HD64F36024 Datasheet HTML 31Page - Renesas Technology Corp HD64F36024 Datasheet HTML 32Page - Renesas Technology Corp HD64F36024 Datasheet HTML 33Page - Renesas Technology Corp HD64F36024 Datasheet HTML 34Page - Renesas Technology Corp HD64F36024 Datasheet HTML 35Page - Renesas Technology Corp HD64F36024 Datasheet HTML 36Page - Renesas Technology Corp HD64F36024 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 384 page
background image
Section 1 Overview
Rev. 4.00 Sep. 23, 2005 Page 7 of 354
REJ09B0025-0400
Pin No.
Type
Symbol
FP-64E
FP-48F,
FP-48B,
TNP-48
I/O
Functions
Timer V
TMOV
30
24
Output
This is an output pin for waveforms
generated by the output compare
function.
TMCIV
29
23
Input
External event input pin.
TMRIV
28
22
Input
Counter reset input pin.
TRGV
54
40
Input
Counter start trigger input pin.
Timer W
FTCI
36
26
Input
External event input pin.
FTIOA to
FTIOD
37 to 40
27 to 30
I/O
Output compare output/ input
capture input/ PWM output pin
TXD,
TXD_2,
TXD_3*
46, 56, 27
36, 42, 21
Output
Transmit data output pin
RXD,
RXD_2,
RXD_3*
45, 57, 26
35, 43, 20
Input
Receive data input pin
Serial com-
munication
interface
(SCI)
SCK3,
SCK3_2,
SCK3_3*
44, 58, 25
34, 44, 19
I/O
Clock I/O pin
AN3 to AN0 59 to 62
45 to 48
Input
Analog input pin
A/D
converter
ADTRG
22
16
Input
A/D converter trigger input pin.
I/O ports
PB3 to PB0
59 to 62
45 to 48
Input
4-bit input port.
P17 to P14,
P12 to P10
54 to 51,
25 to 23
40 to 37,
19 to 17
I/O
7-bit I/O port.
P22 to P20
46 to 44
36 to 34
I/O
3-bit I/O port.
P57 to P50
27, 26,
22 to 19,
14, 13
21, 20,
16 to 11
I/O
8-bit I/O port
P76 to P70
30 to 28,
55 to 58
24 to 22,
41 to 44
I/O
7-bit I/O port
P84 to P80
40 to 36
30 to 26
I/O
5-bit I/O port.
E10T
E10T _0,
E10T _1,
E10T _2
41, 42, 43
31, 32, 33
Interface pin for the E10T, E8, or
E7 emulator
Note:
*
The SCK3_3, RXD_3, and TXD_3 pins are not multiplexed in the H8/36014.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com