Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 94Page - Renesas Technology Corp HD64F36024 Datasheet HTML 95Page - Renesas Technology Corp HD64F36024 Datasheet HTML 96Page - Renesas Technology Corp HD64F36024 Datasheet HTML 97Page - Renesas Technology Corp HD64F36024 Datasheet HTML 98Page - Renesas Technology Corp HD64F36024 Datasheet HTML 99Page - Renesas Technology Corp HD64F36024 Datasheet HTML 100Page - Renesas Technology Corp HD64F36024 Datasheet HTML 101Page - Renesas Technology Corp HD64F36024 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 384 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Sep. 23, 2005 Page 72 of 354
REJ09B0025-0400
6.1.3
Module Standby Control Register 1 (MSTCR1)
MSTCR1 allows the on-chip peripheral modules to enter a standby state in module units.
Bit
Bit Name
Initial
Value
R/W
Description
7, 6
All 0
Reserved
These bits are always read as 0.
5
MSTS3
0
R/W
SCI3 Module Standby
SCI3 enters standby mode when this bit is set to 1.
4
MSTAD
0
R/W
A/D Converter Module Standby
A/D converter enters standby mode when this bit is set to
1.
3
MSTWD
0
R/W
Watchdog Timer Module Standby
Watchdog timer enters standby mode when this bit is set
to 1.When the internal oscillator is selected for the
watchdog timer clock, the watchdog timer operates
regardless of the setting of this bit.
2
MSTTW
0
R/W
Timer W Module Standby
Timer W enters standby mode when this bit is set to 1.
1
MSTTV
0
R/W
Timer V Module Standby
Timer V enters standby mode when this bit is set to 1.
0
0
Reserved
This bit is always read as 0.
6.1.4
Module Standby Control Register 2 (MSTCR2)
MSTCR2 allows the on-chip peripheral modules to enter a standby state in module units.
Bit
Bit Name
Initial
Value
R/W
Description
7
MSTS3_2
0
R/W
SCI3_2 Module Standby
SCI3_2 enters standby mode when this bit is set to1.
6 to 0
All 0
Reserved
These bits are always read as 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com