Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 87 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 87 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 83Page - Renesas Technology Corp HD64F36024 Datasheet HTML 84Page - Renesas Technology Corp HD64F36024 Datasheet HTML 85Page - Renesas Technology Corp HD64F36024 Datasheet HTML 86Page - Renesas Technology Corp HD64F36024 Datasheet HTML 87Page - Renesas Technology Corp HD64F36024 Datasheet HTML 88Page - Renesas Technology Corp HD64F36024 Datasheet HTML 89Page - Renesas Technology Corp HD64F36024 Datasheet HTML 90Page - Renesas Technology Corp HD64F36024 Datasheet HTML 91Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 384 page
background image
Section 4 Address Break
Rev. 4.00 Sep. 23, 2005 Page 61 of 354
REJ09B0025-0400
When an address break is set in the data read cycle or data write cycle, the data bus used will
depend on the combination of the byte/word access and address. Table 4.1 shows the access and
data bus used. When an I/O register space with an 8-bit data bus width is accessed in word size, a
byte access is generated twice. For details on data widths of each register, see section 17.1,
Register Addresses (Address Order).
Table 4.1
Access and Data Bus Used
Word Access
Byte Access
Even Address Odd Address
Even Address Odd Address
ROM space
Upper 8 bits
Lower 8 bits
Upper 8 bits
Upper 8 bits
RAM space
Upper 8 bits
Lower 8 bits
Upper 8 bits
Upper 8 bits
I/O register with 8-bit data bus
width
Upper 8 bits
Upper 8 bits
Upper 8 bits
Upper 8 bits
I/O register with 16-bit data
bus width
Upper 8 bits
Lower 8 bits
—
—
4.1.2
Address Break Status Register (ABRKSR)
ABRKSR consists of the address break interrupt flag and the address break interrupt enable bit.
Bit
Bit Name
Initial
Value
R/W
Description
7
ABIF
0
R/W
Address Break Interrupt Flag
[Setting condition]
When the condition set in ABRKCR is satisfied
[Clearing condition]
When 0 is written after ABIF=1 is read
6
ABIE
0
R/W
Address Break Interrupt Enable
When this bit is 1, an address break interrupt request is
enabled.
5 to 0
—
All 1
—
Reserved
These bits are always read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com