| Electronic Components Datasheet Search |
|
HD64F36024 Datasheet(PDF) 66 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F36024 Datasheet(HTML) 66 Page - Renesas Technology Corp |
|
66 / 384 page ![]() Section 2 CPU Rev. 4.00 Sep. 23, 2005 Page 40 of 354 REJ09B0025-0400 Example 2: The BSET instruction is executed for port 5. P57 and P56 are input pins, with a low-level signal input at P57 and a high-level signal input at P56. P55 to P50 are output pins and output low-level signals. An example to output a high-level signal at P50 with a BSET instruction is shown below. • Prior to executing BSET P57 P56 P55 P54 P53 P52 P51 P50 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level Low level PCR5 0 0 1 1 1 1 1 1 PDR5 1 0 0 0 0 0 0 0 • BSET instruction executed BSET #0, @PDR5 The BSET instruction is executed for port 5. • After executing BSET P57 P56 P55 P54 P53 P52 P51 P50 Input/output Input Input Output Output Output Output Output Output Pin state Low level High level Low level Low level Low level Low level Low level High level PCR5 0 0 1 1 1 1 1 1 PDR5 0 1 0 0 0 0 0 1 • Description on operation 1. When the BSET instruction is executed, first the CPU reads port 5. Since P57 and P56 are input pins, the CPU reads the pin states (low-level and high-level input). P55 to P50 are output pins, so the CPU reads the value in PDR5. In this example PDR5 has a value of H'80, but the value read by the CPU is H'40. 2. Next, the CPU sets bit 0 of the read data to 1, changing the PDR5 data to H'41. 3. Finally, the CPU writes H'41 to PDR5, completing execution of BSET. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |