Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 77Page - Renesas Technology Corp HD64F36024 Datasheet HTML 78Page - Renesas Technology Corp HD64F36024 Datasheet HTML 79Page - Renesas Technology Corp HD64F36024 Datasheet HTML 80Page - Renesas Technology Corp HD64F36024 Datasheet HTML 81Page - Renesas Technology Corp HD64F36024 Datasheet HTML 82Page - Renesas Technology Corp HD64F36024 Datasheet HTML 83Page - Renesas Technology Corp HD64F36024 Datasheet HTML 84Page - Renesas Technology Corp HD64F36024 Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 55 of 354
REJ09B0025-0400
3.4.3
Interrupt Handling Sequence
Interrupts are controlled by an interrupt controller.
Interrupt operation is described as follows.
1. If an interrupt occurs while the NMI or interrupt enable bit is set to 1, an interrupt request
signal is sent to the interrupt controller.
2. When multiple interrupt requests are generated, the interrupt controller requests to the CPU for
the interrupt handling with the highest priority at that time according to table 3.1. Other
interrupt requests are held pending.
3. The CPU accepts the NMI or address break without depending on the I bit value. Other
interrupt requests are accepted, if the I bit is cleared to 0 in CCR; if the I bit is set to 1, the
interrupt request is held pending.
4. If the CPU accepts the interrupt after processing of the current instruction is completed,
interrupt exception handling will begin. First, both PC and CCR are pushed onto the stack. The
state of the stack at this time is shown in figure 3.2. The PC value pushed onto the stack is the
address of the first instruction to be executed upon return from interrupt handling.
5. Then, the I bit of CCR is set to 1, masking further interrupts excluding the NMI and address
break. Upon return from interrupt handling, the values of I bit and other bits in CCR will be
restored and returned to the values prior to the start of interrupt exception handling.
6.
Next, the CPU generates the vector address corresponding to the accepted interrupt, and
transfers the address to PC as a start address of the interrupt handling-routine. Then a program
starts executing from the address indicated in PC.
Figure 3.3 shows a typical interrupt sequence where the program area is in the on-chip ROM and
the stack area is in the on-chip RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com