Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 78 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 78 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 74Page - Renesas Technology Corp HD64F36024 Datasheet HTML 75Page - Renesas Technology Corp HD64F36024 Datasheet HTML 76Page - Renesas Technology Corp HD64F36024 Datasheet HTML 77Page - Renesas Technology Corp HD64F36024 Datasheet HTML 78Page - Renesas Technology Corp HD64F36024 Datasheet HTML 79Page - Renesas Technology Corp HD64F36024 Datasheet HTML 80Page - Renesas Technology Corp HD64F36024 Datasheet HTML 81Page - Renesas Technology Corp HD64F36024 Datasheet HTML 82Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 384 page
background image
Section 3 Exception Handling
Rev. 4.00 Sep. 23, 2005 Page 52 of 354
REJ09B0025-0400
Bit
Bit Name
Initial
Value
R/W
Description
0
IWPF0
0
R/W
WKP0 Interrupt Request Flag
[Setting condition]
When
WKP0 pin is designated for interrupt input and the
designated signal edge is detected.
[Clearing condition]
When IWPF0 is cleared by writing 0.
3.3
Reset Exception Handling
When the
RES pin goes low, all processing halts and this LSI enters the reset. The internal state of
the CPU and the registers of the on-chip peripheral modules are initialized by the reset. To ensure
that this LSI is reset at power-up, hold the
RES pin low until the clock pulse generator output
stabilizes. To reset the chip during operation, hold the
RES pin low for at least 10 system clock
cycles. When the
RES pin goes high after being held low for the necessary time, this LSI starts
reset exception handling. The reset exception handling sequence is shown in figure 3.1.
The reset exception handling sequence is as follows. However, for the reset exception handling
sequence of the product with on-chip power-on reset circuit, refer to section 15, Power-On Reset
and Low-Voltage Detection Circuits (Optional).
1. Set the I bit in the condition code register (CCR) to 1.
2. The CPU generates a reset exception handling vector address (from H'0000 to H'0001), the
data in that address is sent to the program counter (PC) as the start address, and program
execution starts from that address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com