Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 99 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 99 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 95Page - Renesas Technology Corp HD64F36024 Datasheet HTML 96Page - Renesas Technology Corp HD64F36024 Datasheet HTML 97Page - Renesas Technology Corp HD64F36024 Datasheet HTML 98Page - Renesas Technology Corp HD64F36024 Datasheet HTML 99Page - Renesas Technology Corp HD64F36024 Datasheet HTML 100Page - Renesas Technology Corp HD64F36024 Datasheet HTML 101Page - Renesas Technology Corp HD64F36024 Datasheet HTML 102Page - Renesas Technology Corp HD64F36024 Datasheet HTML 103Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 384 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Sep. 23, 2005 Page 73 of 354
REJ09B0025-0400
6.2
Mode Transitions and States of LSI
Figure 6.1 shows the possible transitions among these operating modes. A transition is made from
the program execution state to the program halt state of the program by executing a SLEEP
instruction. Interrupts allow for returning from the program halt state to the program execution
state of the program. A direct transition from active mode to active mode changes the operating
frequency.
RES input enables transitions from a mode to the reset state. Table 6.2 shows the
transition conditions of each mode after the SLEEP instruction is executed and a mode to return
by an interrupt. Table 6.3 shows the internal states of the LSI in each mode.
Reset state
Standby mode
Active mode
Sleep mode
Subsleep mode
Program halt state
Program execution state
Program halt state
SLEEP
instruction
SLEEP
instruction
Interrupt
Direct transition
interrupt
Notes: 1. To make a transition to another mode by an interrupt, make sure interrupt handling is after the interrupt
is accepted.
2. Details on the mode transition conditions are given in table 6.2.
Interrupt
SLEEP
instruction
Interrupt
Figure 6.1 Mode Transition Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com