Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 42Page - Renesas Technology Corp HD64F36024 Datasheet HTML 43Page - Renesas Technology Corp HD64F36024 Datasheet HTML 44Page - Renesas Technology Corp HD64F36024 Datasheet HTML 45Page - Renesas Technology Corp HD64F36024 Datasheet HTML 46Page - Renesas Technology Corp HD64F36024 Datasheet HTML 47Page - Renesas Technology Corp HD64F36024 Datasheet HTML 48Page - Renesas Technology Corp HD64F36024 Datasheet HTML 49Page - Renesas Technology Corp HD64F36024 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 20 of 354
REJ09B0025-0400
Symbol
Description
:3/:8/:16/:24
3-, 8-, 16-, or 24-bit length
Note:
*
General registers include 8-bit registers (R0H to R7H, R0L to R7L), 16-bit registers (R0
to R7, E0 to E7), and 32-bit registers/address registers (ER0 to ER7).
Table 2.2
Data Transfer Instructions
Instruction
Size*
Function
MOV
B/W/L
(EAs)
→ Rd, Rs → (EAd)
Moves data between two general registers or between a general register
and memory, or moves immediate data to a general register.
MOVFPE
B
(EAs)
→ Rd, Cannot be used in this LSI.
MOVTPE
B
Rs
→ (EAs) Cannot be used in this LSI.
POP
W/L
@SP+
→ Rn
Pops a general register from the stack. POP.W Rn is identical to
MOV.W @SP+, Rn. POP.L ERn is identical to MOV.L @SP+, ERn.
PUSH
W/L
Rn
→ @–SP
Pushes a general register onto the stack. PUSH.W Rn is identical to
MOV.W Rn, @–SP. PUSH.L ERn is identical to MOV.L ERn, @–SP.
Note:
*
Refers to the operand size.
B: Byte
W: Word
L: Longword



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com