Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 87Page - Renesas Technology Corp HD64F36024 Datasheet HTML 88Page - Renesas Technology Corp HD64F36024 Datasheet HTML 89Page - Renesas Technology Corp HD64F36024 Datasheet HTML 90Page - Renesas Technology Corp HD64F36024 Datasheet HTML 91Page - Renesas Technology Corp HD64F36024 Datasheet HTML 92Page - Renesas Technology Corp HD64F36024 Datasheet HTML 93Page - Renesas Technology Corp HD64F36024 Datasheet HTML 94Page - Renesas Technology Corp HD64F36024 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 384 page
background image
Section 5 Clock Pulse Generators
CPG0200A_000020020200
Rev. 4.00 Sep. 23, 2005 Page 65 of 354
REJ09B0025-0400
Section 5 Clock Pulse Generators
Clock oscillator circuitry (CPG: clock pulse generator) is provided on-chip, including a system
clock pulse generator. The system clock pulse generator consists of a system clock oscillator, a
duty correction circuit, and system clock dividers.
Figure 5.1 shows a block diagram of the clock pulse generators.
System
clock
oscillator
Duty
correction
circuit
System
clock
divider
Prescaler S
(13 bits)
OSC1
OSC2
System clock pulse generator
φOSC
(fOSC)
φOSC
(fOSC)
φ/2
to
φ/8192
φ
φOSC/8
φOSC
φOSC/16
φOSC/32
φOSC/64
Figure 5.1 Block Diagram of Clock Pulse Generators
The basic clock signals that drive the CPU and on-chip peripheral modules are system clocks (
φ).
The system clock is divided into
φ/8192 to φ/2 by prescaler S and they are supplied to respective
peripheral modules.
5.1
System Clock Generator
Clock pulses can be supplied to the system clock divider either by connecting a crystal or ceramic
resonator, or by providing external clock input. Figure 5.2 shows a block diagram of the system
clock generator.
LPM
LPM: Low-power mode (standby mode, subsleep mode)
2
1
OSC
OSC
Figure 5.2 Block Diagram of System Clock Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com