Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 92Page - Renesas Technology Corp HD64F36024 Datasheet HTML 93Page - Renesas Technology Corp HD64F36024 Datasheet HTML 94Page - Renesas Technology Corp HD64F36024 Datasheet HTML 95Page - Renesas Technology Corp HD64F36024 Datasheet HTML 96Page - Renesas Technology Corp HD64F36024 Datasheet HTML 97Page - Renesas Technology Corp HD64F36024 Datasheet HTML 98Page - Renesas Technology Corp HD64F36024 Datasheet HTML 99Page - Renesas Technology Corp HD64F36024 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 384 page
background image
Section 6 Power-Down Modes
Rev. 4.00 Sep. 23, 2005 Page 70 of 354
REJ09B0025-0400
6.1.1
System Control Register 1 (SYSCR1)
SYSCR1 controls the power-down modes, as well as SYSCR2.
Bit
Bit Name
Initial
Value
R/W
Description
7
SSBY
0
R/W
Software Standby
This bit selects the mode to transit after the execution of
the SLEEP instruction.
0: a transition is made to sleep mode
1: a transition is made to standby mode.
For details, see table 6.2.
6
5
4
STS2
STS1
STS0
0
0
0
R/W
R/W
R/W
Standby Timer Select 2 to 0
These bits designate the time the CPU and peripheral
modules wait for stable clock operation after exiting from
standby mode, to active mode or sleep mode due to an
interrupt. The designation should be made according to
the clock frequency so that the waiting time is at least 6.5
ms. The relationship between the specified value and the
number of wait states is shown in table 6.1. When an
external clock is to be used, the minimum value (STS2 =
STS1 = STS0 =1) is recommended.
3 to 0
All 0
Reserved
These bits are always read as 0.
Table 6.1
Operating Frequency and Waiting Time
Bit Name
Operating Frequency
STS2
STS1 STS0 Waiting Time
20 MHz
16 MHz
10 MHz
8 MHz 4 MHz 2 MHz 1 MHz 0.5 MHz
0
0
0
8,192 states
0.4
0.5
0.8
1.0
2.0
4.1
8.1
16.4
1
16,384 states
0.8
1.0
1.6
2.0
4.1
8.2
16.4
32.8
1
0
32,768 states
1.6
2.0
3.3
4.1
8.2
16.4
32.8
65.5
1
65,536 states
3.3
4.1
6.6
8.2
16.4
32.8
65.5
131.1
1
0
0
131,072 states
6.6
8.2
13.1
16.4
32.8
65.5
131.1
262.1
1
1,024 states
0.05
0.06
0.10
0.13
0.26
0.51
1.02
2.05
1
0
128 states
0.00
0.00
0.01
0.02
0.03
0.06
0.13
0.26
1
16 states
0.00
0.00
0.00
0.00
0.00
0.01
0.02
0.03
Note:
Time unit is ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com