Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 57Page - Renesas Technology Corp HD64F36024 Datasheet HTML 58Page - Renesas Technology Corp HD64F36024 Datasheet HTML 59Page - Renesas Technology Corp HD64F36024 Datasheet HTML 60Page - Renesas Technology Corp HD64F36024 Datasheet HTML 61Page - Renesas Technology Corp HD64F36024 Datasheet HTML 62Page - Renesas Technology Corp HD64F36024 Datasheet HTML 63Page - Renesas Technology Corp HD64F36024 Datasheet HTML 64Page - Renesas Technology Corp HD64F36024 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 35 of 354
REJ09B0025-0400
2.6
Basic Bus Cycle
CPU operation is synchronized by a system clock (
φ) or a subclock (φ
SUB). The period from a rising
edge of
φ or φ
SUB to the next rising edge is called one state. A bus cycle consists of two states or
three states. The cycle differs depending on whether access is to on-chip memory or to on-chip
peripheral modules.
2.6.1
Access to On-Chip Memory (RAM, ROM)
Access to on-chip memory takes place in two states. The data bus width is 16 bits, allowing access
in byte or word size. Figure 2.9 shows the on-chip memory access cycle.
T1 state
Bus cycle
T2 state
Internal address bus
Internal read signal
Internal data bus
(read access)
Internal write signal
Read data
Address
Write data
Internal data bus
(write access)
SUB
ø or ø
Figure 2.9 On-Chip Memory Access Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com