Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 91Page - Renesas Technology Corp HD64F36024 Datasheet HTML 92Page - Renesas Technology Corp HD64F36024 Datasheet HTML 93Page - Renesas Technology Corp HD64F36024 Datasheet HTML 94Page - Renesas Technology Corp HD64F36024 Datasheet HTML 95Page - Renesas Technology Corp HD64F36024 Datasheet HTML 96Page - Renesas Technology Corp HD64F36024 Datasheet HTML 97Page - Renesas Technology Corp HD64F36024 Datasheet HTML 98Page - Renesas Technology Corp HD64F36024 Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 384 page
background image
Section 6 Power-Down Modes
LPW3003A_000020020200
Rev. 4.00 Sep. 23, 2005 Page 69 of 354
REJ09B0025-0400
Section 6 Power-Down Modes
This LSI has five modes of operation after a reset. These include a normal active mode and three
power-down modes, in which power consumption is significantly reduced. Module standby mode
reduces power consumption by selectively halting on-chip module functions.
• Active mode
The CPU and all on-chip peripheral modules are operable on the system clock. The system
clock frequency can be selected from
φosc, φosc/8, φosc/16, φosc/32, and φosc/64.
• Sleep mode
The CPU halts. On-chip peripheral modules are operable on the system clock.
• Standby mode
The CPU and all on-chip peripheral modules halt.
• Subsleep mode
The CPU and all on-chip peripheral modules halt. I/O ports keep the same states as before the
transition.
• Module standby mode
Independent of the above modes, power consumption can be reduced by halting on-chip
peripheral modules that are not used in module units.
6.1
Register Descriptions
The registers related to power-down modes are listed below.
• System control register 1 (SYSCR1)
• System control register 2 (SYSCR2)
• Module standby control register 1 (MSTCR1)
• Module standby control register 2 (MSTCR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com