Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 50Page - Renesas Technology Corp HD64F36024 Datasheet HTML 51Page - Renesas Technology Corp HD64F36024 Datasheet HTML 52Page - Renesas Technology Corp HD64F36024 Datasheet HTML 53Page - Renesas Technology Corp HD64F36024 Datasheet HTML 54Page - Renesas Technology Corp HD64F36024 Datasheet HTML 55Page - Renesas Technology Corp HD64F36024 Datasheet HTML 56Page - Renesas Technology Corp HD64F36024 Datasheet HTML 57Page - Renesas Technology Corp HD64F36024 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 384 page
background image
Section 2 CPU
Rev. 4.00 Sep. 23, 2005 Page 28 of 354
REJ09B0025-0400
Table 2.9
Block Data Transfer Instructions
Instruction
Size
Function
EEPMOV.B
—
if R4L
≠ 0 then
Repeat @ER5+
→ @ER6+,
R4L–1
→ R4L
Until R4L = 0
else next;
EEPMOV.W
—
if R4
≠ 0 then
Repeat @ER5+
→ @ER6+,
R4–1
→ R4
Until R4 = 0
else next;
Transfers a data block. Starting from the address set in ER5, transfers
data for the number of bytes set in R4L or R4 to the address location set
in ER6.
Execution of the next instruction begins as soon as the transfer is
completed.
2.4.2
Basic Instruction Formats
H8/300H CPU instructions consist of 2-byte (1-word) units. An instruction consists of an
operation field (op field), a register field (r field), an effective address extension (EA field), and a
condition field (cc).
Figure 2.7 shows examples of instruction formats.
• Operation Field
Indicates the function of the instruction, the addressing mode, and the operation to be carried
out on the operand. The operation field always includes the first four bits of the instruction.
Some instructions have two operation fields.
• Register Field
Specifies a general register. Address registers are specified by 3 bits, and data registers by 3
bits or 4 bits. Some instructions have two register fields. Some have no register field.
• Effective Address Extension
8, 16, or 32 bits specifying immediate data, an absolute address, or a displacement. A24-bit
address or displacement is treated as a 32-bit data in which the first 8 bits are 0 (H'00).
• Condition Field
Specifies the branching condition of Bcc instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com