Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 26Page - Renesas Technology Corp HD64F36024 Datasheet HTML 27Page - Renesas Technology Corp HD64F36024 Datasheet HTML 28Page - Renesas Technology Corp HD64F36024 Datasheet HTML 29Page - Renesas Technology Corp HD64F36024 Datasheet HTML 30Page - Renesas Technology Corp HD64F36024 Datasheet HTML 31Page - Renesas Technology Corp HD64F36024 Datasheet HTML 32Page - Renesas Technology Corp HD64F36024 Datasheet HTML 33Page - Renesas Technology Corp HD64F36024 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 384 page
background image
Section 1 Overview
Rev. 4.00 Sep. 23, 2005 Page 4 of 354
REJ09B0025-0400
1.3
Pin Arrangement
1
2
3
4
5
6
7
8
9 101112 131415 16
48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
NC
NC
P14/
IRQ0
P15
P16
P17/
IRQ3/TRGV
P73
P72/TXD_2
P71/RXD_2
P70/SCK3_2
PB3/AN3
PB2/AN2
PB1/AN1
PB0/AN0
NC
NC
NC
NC
P76/TMOV
P75/TMCIV
P74/TMRIV
P57/TXD_3*1
P56/RXD_3*1
P12/SCK3_3*1
P11
P10
P55/
WKP5/ADTRG
P54/
WKP4
P53/
WKP3
P52/
WKP2
NC
NC
H8/36024 Group
H8/36014 Group
Top view
Do not connect NC pins (these pins are not connected to the internal circuitry).
*1 The SCK3_3, RXD_3, and TXD_3 pins are not multiplexed in the H8/36014.
*2 Can also be used for the E7 or E8 emulator.
Notes:
Figure 1.2 Pin Arrangement (FP-64E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com