Electronic Components Datasheet Search
  English  ▼

X  

HD64F36024 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HD64F36024
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  384 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36024 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HD64F36024 Datasheet HTML 8Page - Renesas Technology Corp HD64F36024 Datasheet HTML 9Page - Renesas Technology Corp HD64F36024 Datasheet HTML 10Page - Renesas Technology Corp HD64F36024 Datasheet HTML 11Page - Renesas Technology Corp HD64F36024 Datasheet HTML 12Page - Renesas Technology Corp HD64F36024 Datasheet HTML 13Page - Renesas Technology Corp HD64F36024 Datasheet HTML 14Page - Renesas Technology Corp HD64F36024 Datasheet HTML 15Page - Renesas Technology Corp HD64F36024 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 384 page
background image
Rev. 4.00 Sep. 23, 2005 Page xii of xxvi
9.3.2
Port Control Register 5 (PCR5) ............................................................................ 104
9.3.3
Port Data Register 5 (PDR5) ................................................................................ 105
9.3.4
Port Pull-Up Control Register 5 (PUCR5)............................................................ 105
9.3.5
Pin Functions ........................................................................................................ 106
9.4
Port 7.................................................................................................................................. 108
9.4.1
Port Control Register 7 (PCR7) ............................................................................ 109
9.4.2
Port Data Register 7 (PDR7) ................................................................................ 109
9.4.3
Pin Functions ........................................................................................................ 110
9.5
Port 8.................................................................................................................................. 112
9.5.1
Port Control Register 8 (PCR8) ............................................................................ 112
9.5.2
Port Data Register 8 (PDR8) ................................................................................ 113
9.5.3
Pin Functions ........................................................................................................ 113
9.6
Port B ................................................................................................................................. 115
9.6.1
Port Data Register B (PDRB) ............................................................................... 116
Section 10 Timer V ........................................................................................... 117
10.1
Features.............................................................................................................................. 117
10.2
Input/Output Pins ...............................................................................................................119
10.3
Register Descriptions ......................................................................................................... 119
10.3.1 Timer Counter V (TCNTV) .................................................................................. 119
10.3.2 Time Constant Registers A and B (TCORA, TCORB) ........................................ 120
10.3.3 Timer Control Register V0 (TCRV0) ................................................................... 121
10.3.4 Timer Control/Status Register V (TCSRV) .......................................................... 123
10.3.5 Timer Control Register V1 (TCRV1) ................................................................... 125
10.4
Operation ........................................................................................................................... 126
10.4.1 Timer V Operation................................................................................................ 126
10.5
Timer V Application Examples ......................................................................................... 130
10.5.1 Pulse Output with Arbitrary Duty Cycle............................................................... 130
10.5.2 Pulse Output with Arbitrary Pulse Width and Delay from TRGV Input .............. 131
10.6
Usage Notes ....................................................................................................................... 132
Section 11 Timer W........................................................................................... 135
11.1
Features.............................................................................................................................. 135
11.2
Input/Output Pins ...............................................................................................................138
11.3
Register Descriptions ......................................................................................................... 138
11.3.1 Timer Mode Register W (TMRW) ....................................................................... 139
11.3.2 Timer Control Register W (TCRW) ..................................................................... 140
11.3.3 Timer Interrupt Enable Register W (TIERW) ...................................................... 141
11.3.4 Timer Status Register W (TSRW) ........................................................................ 142
11.3.5 Timer I/O Control Register 0 (TIOR0) ................................................................. 144



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com